Part Number Hot Search : 
MICRO J170A SDA2586 SFH4255 LTC1759 GB200 HEM554E 1N4944G
Product Description
Full Text Search
 

To Download R1LV1616H-I Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev.1.01, nov.18. 2004, page 1 of 19 R1LV1616H-I series wide temperature range version 16 m sram (1-mword 16-bit / 2-mword 8-bit) rej03c0195-0101 rev.1.01 nov.18.2004 description the R1LV1616H-I series is 16-mbit static ram organized 1-mword 16-bit / 2-mword 8-bit. R1LV1616H-I series has realized higher density, hi gher performance and low power consumption by employing cmos process technology (6-transistor memory cell). it offers low power standby power dissipation; therefore, it is suitable for battery backup systems. it is packaged in 48-pin plastic tsopi for high density surface mounting. features ? single 3.0 v supply: 2.7 v to 3.6 v ? fast access time: 45/55 ns (max) ? power dissipation: ? active: 9 mw/mhz (typ) ? standby: 1.5 w (typ) ? completely static memory. ? no clock or timing strobe required ? equal access and cycle times ? common data input and output. ? three state output ? battery backup operation. ? 2 chip selection for battery backup ? temperature range: ? 40 to +85 c ? byte function ( 8 mode) available by byte# & a-1.
R1LV1616H-I series rev.1.01, nov.18. 2004, page 2 of 19 ordering information type no. access time package r1lv1616hsa-4li 45 ns 48-pin plastic tsopi (48p3r-b) r1lv1616hsa-4si 45 ns r1lv1616hsa-5si 55 ns
R1LV1616H-I series rev.1.01, nov.18. 2004, page 3 of 19 pin arrangement 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 a15 a14 a13 a12 a11 a10 a9 a8 a19 nc we# cs2 nu ub# lb# a18 a17 a7 a6 a5 a4 a3 a2 a1 a16 byte# v i/o15/a-1 i/o7 i/o14 i/o6 i/o13 i/o5 i/o12 i/o4 v i/o11 i/o3 i/o10 i/o2 i/o9 i/o1 i/o8 i/o0 oe# v cs1# a0 cc ss ss (top view) 48-pin tsop
R1LV1616H-I series rev.1.01, nov.18. 2004, page 4 of 19 pin description (tsop) pin name function a0 to a19 address input (word mode) a-1 to a19 address input (byte mode) i/o0 to i/o15 data input/output cs1# ( cs1 ) chip select 1 cs2 chip select 2 we# ( we ) write enable oe# ( oe ) output enable lb# ( lb ) lower byte select ub# ( ub ) upper byte select byte# ( byte ) byte enable v cc power supply v ss ground nc no connection nu* 1 not used (test mode pin) note: 1. this pin should be connected to a ground (v ss ), or not be connected (open).
R1LV1616H-I series rev.1.01, nov.18. 2004, page 5 of 19 block diagram (tsop) ?           i/o0 i/o15 cs2 byte# we# oe# a17 a7 a6 a2 a0 v v cc ss row decoder memory matrix 8,192 x 128 x 16 8,192 x 256 x 8 column i/o column decoder input data control control logic a1 a15 a14 a13 a12 a11 a10 a9 a8 a18 a16 a19 a4 a5 cs1# lb# ub# a3 lsb msb msb lsb a-1
R1LV1616H-I series rev.1.01, nov.18. 2004, page 6 of 19 operation table (tsop) byte mode cs1# cs2 we# oe# ub# lb# byte# i/o0 to i/o7 i/o8 to i/o14 i/o15 operation h l high-z high-z high-z standby l l high-z high-z high-z standby l h h l l dout high-z a-1 read l h l l din high-z a-1 write l h h h l high-z high-z high-z output disable note: h: v ih , l: v il , : v ih or v il word mode cs1# cs2 we# oe# ub# lb# byte# i/o0 to i/o7 i/o8 to i/o14 i/o15 operation h h high-z high-z high-z standby l h high-z high-z high-z standby h h h high-z high-z high-z standby l h h l l l h dout dout dout read l h h l h l h dout high-z high-z lower byte read l h h l l h h high-z dout dout upper byte read l h l l l h din din din write l h l h l h din high-z high-z lower byte write l h l l h h high-z din din upper byte write l h h h h high-z high-z high-z output disable note: h: v ih , l: v il , : v ih or v il
R1LV1616H-I series rev.1.01, nov.18. 2004, page 7 of 19 absolute maximum ratings parameter symbol value unit power supply voltage relative to v ss v cc ? 0.5 to +4.6 v terminal voltage on any pin relative to v ss v t ? 0.5 * 1 to v cc + 0.3 * 2 v power dissipation p t 1.0 w storage temperature range tstg ? 55 to +125 c storage temperature range under bias tbias ? 40 to +85 c notes: 1. v t min: ? 2.0 v for pulse half-width 10 ns. 2. maximum voltage is +4.6 v. dc operating conditions parameter symbol min typ max unit note supply voltage v cc 2.7 3.0 3.6 v v ss 0 0 0 v input high voltage v ih 2.2 ? v cc + 0.3 v input low voltage v il ? 0.3 ? 0.6 v 1 ambient temperature range ta ? 40 ? +85 c note: 1. v il min: ? 2.0 v for pulse half-width 10 ns.
R1LV1616H-I series rev.1.01, nov.18. 2004, page 8 of 19 dc characteristics parameter symbol min typ max unit test conditions * 2 input leakage current |i li | ? ? 1 a vin = v ss to v cc output leakage current |i lo | ? ? 1 a cs1# = v ih or cs2 = v il or oe# = v ih or we# = v il or lb# = ub# = v ih , v i/o = v ss to v cc operating current i cc ? ? 20 ma cs1# = v il , cs2 = v ih , others = v ih / v il , i i/o = 0 ma average operating current i cc1 (read) ? 22 * 1 35 ma min. cycle, duty = 100%, i i/o = 0 ma, cs1# = v il , cs2 = v ih , we# = v ih , others = v ih /v il i cc1 ? 30 * 1 50 ma min. cycle, duty = 100%, i i/o = 0 ma, cs1# = v il , cs2 = v ih , others = v ih /v il i cc2 * 3 (read) ? 3 * 1 8 ma cycle time = 70 ns, duty = 100%, i i/o = 0 ma, cs1# = v il , cs2 = v ih , we# = v ih , others = v ih /v il address increment scan or decrement scan i cc2 * 3 ? 20 * 1 30 ma cycle time = 70 ns, duty = 100%, i i/o = 0 ma, cs1# = v il , cs2 = v ih , others = v ih /v il address increment scan or decrement scan i cc3 ? 3 * 1 8 ma cycle time = 1 s, duty = 100%, i i/o = 0 ma, cs1# 0.2 v, cs2 v cc ? 0.2 v v ih v cc ? 0.2 v, v il 0.2 v standby current i sb ? 0.1 * 1 0.5 ma cs2 = v il -4si -5si i sb1 ? 0.5 * 1 8 a standby current -4li i sb1 ? 0.5 * 1 25 a 0 v vin (1) 0 v cs2 0.2 v or (2) cs1# v cc ? 0.2 v, cs2 v cc ? 0.2 v or (3) lb# = ub# v cc ? 0.2 v, cs2 v cc ? 0.2 v, cs1# 0.2 v average value output high voltage v oh 2.4 ? ? v i oh = ? 1 ma v oh v cc ? 0.2 ? ? v i oh = ? 100 a output low voltage v ol ? ? 0.4 v i ol = 2 ma v ol ? ? 0.2 v i ol = 100 a
R1LV1616H-I series rev.1.01, nov.18. 2004, page 9 of 19 notes: 1. typical values are at v cc = 3.0 v, ta = +25 c and not guaranteed. 2. byte# v cc ? 0.2 v or byte# 0.2 v 3. i cc2 is the value measured while the valid addr ess is increasing or decreasing by one bit. word mode: lsb (least significant bit) is a0. byte mode: lsb (least significant bit) is a-1. capacitance (ta = +25 c, f = 1.0 mhz) parameter symbol min typ max unit test conditions note input capacitance cin ? ? 8 pf vin = 0 v 1 input/output capacitance c i/o ? ? 10 pf v i/o = 0 v 1 note: 1. this parameter is sampled and not 100% tested.
R1LV1616H-I series rev.1.01, nov.18. 2004, page 10 of 19 ac characteristics (ta = ? 40 to +85 c, v cc = 2.7 v to 3.6 v, unless otherwise noted.) test conditions ? input pulse levels: v il = 0.4 v, v ih = 2.4 v ? input rise and fall time: 5 ns ? input and output timing reference levels: 1.4 v ? output load: see figures (including scope and jig) 50pf dout rl=500 ? 1.4 v
R1LV1616H-I series rev.1.01, nov.18. 2004, page 11 of 19 read cycle R1LV1616H-I -4si, -4li -5si parameter symbol min max min max unit notes read cycle time t rc 45 ? 55 ? ns address access time t aa ? 45 ? 55 ns chip select access time t acs1 ? 45 ? 55 ns t acs2 ? 45 ? 55 ns output enable to output valid t oe ? 30 ? 35 ns output hold from address change t oh 10 ? 10 ? ns lb#, ub# access time t ba ? 45 ? 55 ns chip select to output in low-z t clz1 10 ? 10 ? ns 2, 3 t clz2 10 ? 10 ? ns 2, 3 lb#, ub# enable to low-z t blz 5 ? 5 ? ns 2, 3 output enable to output in low-z t olz 5 ? 5 ? ns 2, 3 chip deselect to output in high-z t chz1 0 20 0 20 ns 1, 2, 3 t chz2 0 20 0 20 ns 1, 2, 3 lb#, ub# disable to high-z t bhz 0 15 0 20 ns 1, 2, 3 output disable to output in high-z t ohz 0 15 0 20 ns 1, 2, 3 write cycle R1LV1616H-I -4si, -4li -5si parameter symbol min max min max unit notes write cycle time t wc 45 ? 55 ? ns address valid to end of write t aw 45 ? 50 ? ns chip selection to end of write t cw 45 ? 50 ? ns 5 write pulse width t wp 35 ? 40 ? ns 4 lb#, ub# valid to end of write t bw 45 ? 50 ? ns address setup time t as 0 ? 0 ? ns 6 write recovery time t wr 0 ? 0 ? ns 7 data to write time overlap t dw 25 ? 25 ? ns data hold from write time t dh 0 ? 0 ? ns output active from end of write t ow 5 ? 5 ? ns 2 output disable to output in high-z t ohz 0 15 0 20 ns 1, 2 write to output in high-z t whz 0 15 0 20 ns 1, 2
R1LV1616H-I series rev.1.01, nov.18. 2004, page 12 of 19 byte control R1LV1616H-I -4si, -4li -5si parameter symbol min max min max unit notes byte# setup time t bs 5 ? 5 ? ms byte# recovery time t br 5 ? 5 ? ms notes: 1. t chz , t ohz , t whz and t bhz are defined as the time at whic h the outputs achieve the open circuit conditions and are not referr ed to output voltage levels. 2. this parameter is sampled and not 100% tested. 3. at any given temper ature and voltage condition, t hz max is less than t lz min both for a given device and from device to device. 4. a write occurs during the ov erlap of a low cs1#, a high cs2, a low we# and a low lb# or a low ub#. a write begins at the latest transit ion among cs1# going low, cs2 going high, we# going low and lb# going low or ub# going low. a wr ite ends at the earliest transition among cs1# going high, cs2 going low, we# going high and lb# going high or ub# going high. t wp is measured from the beginning of write to the end of write. 5. t cw is measured from the later of cs1# going low or cs2 going high to the end of write. 6. t as is measured from the address va lid to the beginning of write. 7. t wr is measured from the earliest of cs1# or we# going high or cs2 going low to the end of write cycle.
R1LV1616H-I series rev.1.01, nov.18. 2004, page 13 of 19 timing waveform read cycle* 1 t aa t acs1 t acs2 t clz2 t clz1 t blz t ba t oh t rc valid data valid address high impedance cs1# cs2 lb#, ub# oe# t olz t oe t chz1 t chz2 t bhz t ohz address * 2 dout * 3 notes: 1. byte# > v cc ? 0.2 v or byte# < 0.2 v 2. word mode: a0 to a19 byte mode: a-1 to a19 3. word mode: i/o0 to i/o15 byte mode: i/o0 to i/o7
R1LV1616H-I series rev.1.01, nov.18. 2004, page 14 of 19 write cycle (1)* 1 (we # clock) we# t wc t aw t wp t wr t cw t cw t bw t as t ow t whz t dw t dh valid address valid data cs1# lb#, ub# high impedance cs2 address * 2 dout * 3 din * 3 notes: 1. byte# > v cc ? 0.2 v or byte# < 0.2 v 2. word mode: a0 to a19 byte mode: a-1 to a19 3. word mode: i/o0 to i/o15 byte mode: i/o0 to i/o7
R1LV1616H-I series rev.1.01, nov.18. 2004, page 15 of 19 write cycle (2)* 1 (cs1#, cs2 clock, oe# = v ih ) address * 2 we# t wc t aw t wp t wr t cw t cw t bw t as t dw t dh valid address valid data lb#, ub# dout * 3 din * 3 high impedance cs2 cs1# notes: 1. byte# > v cc ? 0.2 v or byte# < 0.2 v 2. word mode: a0 to a19 byte mode: a-1 to a19 3. word mode: i/o0 to i/o15 byte mode: i/o0 to i/o7 t as
R1LV1616H-I series rev.1.01, nov.18. 2004, page 16 of 19 write cycle (3)* 1 (lb#, ub# clock, oe # = v ih ) address we# t wc t aw t wp t cw t cw t bw t bw t wr t dw t dh valid address ub# (lb#) high impedance cs2 cs1# t as lb# (ub#) dout din-ub (din-lb) din-lb (din-ub) valid data t dw t dh valid data note: 1. byte# > v cc ? 0.2 v
R1LV1616H-I series rev.1.01, nov.18. 2004, page 17 of 19 byte control (tsop) t bs t br cs2 byte# cs1#
R1LV1616H-I series rev.1.01, nov.18. 2004, page 18 of 19 low v cc data retention characteristics (ta = ? 40 to +85 c) parameter symbol min typ max unit test conditions * 2, 3 v cc for data retention v dr 1.5 ? 3.6 v vin 0 v (1) 0 v cs2 0.2 v or (2) cs2 v cc ? 0.2 v, cs1# v cc ? 0.2 v or (3) lb# = ub# v cc ? 0.2 v, cs2 v cc ? 0.2 v, cs1# 0.2 v -4si -5si i ccdr ? 0.5 * 1 8 a data retention current -4li i ccdr ? 0.5 * 1 25 a v cc = 3.0 v, vin 0 v (1) 0 v cs2 0.2 v or (2) cs2 v cc ? 0.2 v, cs1# v cc ? 0.2 v or (3) lb# = ub# v cc ? 0.2 v, cs2 v cc ? 0.2 v, cs1# 0.2 v average value chip deselect to data retention time t cdr 0 ? ? ns see retention waveforms operation recovery time t r 5 ? ? ms notes: 1. typical values are at v cc = 3.0 v, ta = +25 c and not guaranteed. 2. byte# v cc ? 0.2 v or byte# 0.2 v 3. cs2 controls address buffer, we# buffer, cs1# buffer, oe# buffer, lb#, ub# buffer and din buffer. if cs2 controls data ret ention mode, vin levels (address, we#, oe#, cs1#, lb#, ub#, i/o) can be in the high impedance state. if cs1# controls data retenti on mode, cs2 must be cs2 v cc ? 0.2 v or 0 v cs2 0.2 v. the other input levels (address, we#, oe#, lb#, ub#, i/o) can be in the high impedance state.
R1LV1616H-I series rev.1.01, nov.18. 2004, page 19 of 19 low v cc data retention timing waveform (1) (cs1 # controlled) cc v 2.7 v 2.2 v 0 v cs1# t cdr t r cs1# v ? 0.2 v cc dr v data retention mode low v cc data retention timing waveform (2) (cs2 controlled) cc v 2.7 v 0.6 v 0 v cs2 cdr t r 0 v cs2 0.2 v dr v data retention mode t < < low v cc data retention timing waveform (3) (lb #, ub # controlled) cc v 2.7 v 2.2 v 0 v lb#, ub# t cdr t r lb#, ub# v ? 0.2 v cc dr v data retention mode
revision history R1LV1616H-I series data sheet contents of modification rev. date page description 1.00 apr. 22, 2004 ? initial issue 1.01 nov. 18, 2004 ? addition of 2-mword 8-bit function
keep safety first in your circuit designs! 1. renesas technology corp. puts the maximum effort into making semiconductor products better and more reliable, but there is al ways the possibility that trouble may occur with them. trouble with semiconductors may lead to personal injury, fire or property damage. remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. notes regarding these materials 1. these materials are intended as a reference to assist our customers in the selection of the renesas technology corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to renesas t echnology corp. or a third party. 2. renesas technology corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating i n the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. all information contained in these materials, including product data, diagrams, charts, programs and algorithms represents in formation on products at the time of publication of these materials, and are subject to change by renesas technology corp. without notice due to product improvement s or other reasons. it is therefore recommended that customers contact renesas technology corp. or an authorized renesas technology corp. product distrib utor for the latest product information before purchasing a product listed herein. the information described here may contain technical inaccuracies or typographical errors. renesas technology corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or e rrors. please also pay attention to information published by renesas technology corp. by various means, including the renesas technolo gy corp. semiconductor home page (http://www.renesas.com). 4. when using any or all of the information contained in these materials, including product data, diagrams, charts, programs, an d algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. renesas technology corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. renesas technology corp. semiconductors are not designed or manufactured for use in a device or system that is used under cir cumstances in which human life is potentially at stake. please contact renesas technology corp. or an authorized renesas technology corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerosp ace, nuclear, or undersea repeater use. 6. the prior written approval of renesas technology corp. is necessary to reprint or reproduce in whole or in part these materia ls. 7. if these products or technologies are subject to the japanese export control restrictions, they must be exported under a lice nse from the japanese government and cannot be imported into a country other than the approved destination. any diversion or reexport contrary to the export control laws and regulations of japan and/or the country of destination is pro hibited. 8. please contact renesas technology corp. for further details on these materials or the products contained therein. sales strategic planning div. nippon bldg., 2-6-2, ohte-machi, chiyoda-ku, tokyo 100-0004, japan http://www.renesas.com refer to " http://www.renesas.com/en/network " for the latest and detailed information. renesas technology america, inc. 450 holger way, san jose, ca 95134-1368, u.s.a tel: <1> (408) 382-7500, fax: <1> (408) 382-7501 renesas technology europe limited dukes meadow, millboard road, bourne end, buckinghamshire, sl8 5fh, u.k. tel: <44> (1628) 585-100, fax: <44> (1628) 585-900 renesas technology hong kong ltd. 7th floor, north tower, world finance centre, harbour city, 1 canton road, tsimshatsui, kowloon, hong kong tel: <852> 2265-6688, fax: <852> 2730-6071 renesas technology taiwan co., ltd. 10th floor, no.99, fushing north road, taipei, taiwan tel: <886> (2) 2715-2888, fax: <886> (2) 2713-2999 renesas technology (shanghai) co., ltd. unit2607 ruijing building, no.205 maoming road (s), shanghai 200020, china tel: <86> (21) 6472-1001, fax: <86> (21) 6415-2952 renesas technology singapore pte. ltd. 1 harbour front avenue, #06-10, keppel bay tower, singapore 098632 tel: <65> 6213-0200, fax: <65> 6278-8001 renesas sales offices ? 200 4. re nesas technology corp ., all rights reser v ed. printed in ja pan. colophon .2.0


▲Up To Search▲   

 
Price & Availability of R1LV1616H-I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X